Part Number Hot Search : 
0732G ST1510FX 46010 ON1271 CS5165H 1SS214 EM74XXX RX5000
Product Description
Full Text Search
 

To Download DIMD10A-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p b l e a d - f r e e ds30391 rev. 4 - 2 1 of 4 dimd10a www.diodes.co m ? diodes incorporated epitaxial planar die construction built-in biasing resistors one 500ma pnp and one 100ma npn lead free by design/r ohs compliant (note 1) qualified t o aec-q101 standards f or high reliability characteristic symbol value unit supply voltage v cc -50 v input voltage v in -5 to +5 v output current i o -500 ma features maximum ratings pnp section tr1 @ t a = 25 c unless otherwise s pecified a m j l d f b c h k mechanical data case: sc-74r case material: molded pl astic. u l flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c terminal connections: see diagram terminals: finish ? matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 marking & type code information: see last page ordering information: see last page weight: 0.015 grams (approximate) p/n r1 r2 type code dimd10a tr1 tr2 0.1k 10k 10k - c73 sc-74r dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ? ? 0.95 f ? ? 0.55 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 a 0 8 ? all dimensions in m m r 1 r 1 r 2 t r 2 t r 1 schematic diagram dimd10a dual pre-bi ased transisto rs for po wer manag ement maximum ratings npn section tr 2 @ t a = 25 c unless otherwise s pecified characteristic symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5 v collector current i c 100 ma maximum ratings - tot al characteristic symbol value unit power dissipation p d 300* mw operating and storage temperature range t j , t stg -55 to +150 c @ t a = 25 c unless otherwise s pecified * not to exceed 200mw for either tr1 or tr2. t c u d o r p w e n note: 1. no purposefully added lead.
ds30391 rev. 4 - 2 2 of 4 dimd10a www.diodes.co m characteristic symbol min typ max unit test condition input voltage v l (off) -0.3 ? ? v v cc = -5v, i o = -100 m a v l (on) ? ? -1.5 v o = 0.3, i o = -100ma output voltage v o(on) ? - 0.1 - 0.3 v i o = -100ma/-5ma input current i l ? ? -25 ma v i = -2v output current i o(off) ? ? -0.5 m a v cc = -50v, v i = 0v dc current gain g l 68 ? ? ? ? gain-bandwidth product* f t ? 200 ? mhz v ce = -10v, i e = -50m a, f = 100mhz electri cal character isti cs pnp section tr1 @ t a = 25 c unless otherwise s pecified * transistor - for referenc e only electri cal character isti cs npn section tr2 @ t a = 25 c unless otherwise s pecified characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo 50 ? ? v i c = 50 m a collector-emitter breakdown voltage bv ceo 50 ? ? v i c = 1ma emitter-base breakdown voltage bv ebo 5 ? ? v i e = 50 m a collector cutoff current i cbo ? ? 0.5 m a v cb = 50v emitter cutoff current i ebo ? ? 0.5 m a v eb = 4v collector-emitter saturation voltage v ce (sat) ? ? 0.3 v i c / i b = 10ma / 1.0ma dc current trans fer ratio h fe 100 250 600 ? i c = 1ma, v ce = 5v gain-bandwidth product* f t ? 250 ? mhz v ce = 10v, i e = -5m a, f = 100mhz * transistor - for referenc e only t c u d o r p w e n
ds30391 rev. 4 - 2 3 of 4 dimd10a www.diodes.co m t c u d o r p w e n 1 1 10 0 10 20 30 40 50 i , co llec t or c urr ent (ma ) c fig. 6 in put v olt age vs. c ollec tor c urren t v = 0.2 o v , i n p u t v o l t a g e ( v ) i n -25c 25c 75 c 0 .0 1 0 .1 1 1 0 1 0 0 0 1 2 3 4 8 9 1 0 i , c o l l e c t o r c u r r e n t ( m a ) c v , in p u t v o l t a g e ( v ) in f ig . 5 c o lle ct o r c u rr e n t v s. i n p u t v o ltag e -2 5 c 5 6 7 75 c 25 c 0 .0 0 1 0 1 2 3 4 0 2 0 3 0 c , c a p a c i t a n c e ( p f ) o b v , r e v e r s e b i a s v o lt a g e ( v ) r f i g . 4 o u t p u t c a p a c i t a n c e 1 0 5 1 5 2 5 i = 0 m a e 10 1000 100 1 1 10 100 h f e , d c c u r r e n t g a i n ( n o r m a l i z e d ) i , collec t or cur rent (ma) c fig. 3 dc current g ain v = 10 ce 75 c -25 c 25 c 0. 00 1 0. 01 0. 1 1 0 10 20 30 40 50 v , m a x i m u m c o l l e c t o r v o l t a g e ( v ) c e ( s a t ) i , c o ll e c t o r c u r r e n t ( m a ) c f ig . 2 v vs . i ce (s a t) c i / i = 1 0 c b -2 5 c 75 c 25 c -5 0 0 5 0 1 0 0 1 5 0 2 5 0 2 0 0 1 5 0 5 0 1 0 0 0 t , a m b ie n t t e m p e r a t u r e ( c ) a f ig . 1 d e ra ti n g c u rv e p , p o w e r d i s s i p a t i o n ( m i l l i w a t t s ) d ( t o t a l p a c k a g e ) typical curves - tr2
ds30391 rev. 4 - 2 4 of 4 dimd10a www.diodes.co m month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2005 2006 2007 2008 2009 2010 2011 code s t u v w x y date code key c73 = product type mark ing code ym = date code marking y = year ex: s = 2005 m = month ex: 9 = september c 7 3 y m marking i nformat ion notes: 2. for packaging details, go to our website at http: //www.diodes.com/ datasheets /ap02007. pdf . device packaging shipping DIMD10A-7 sc-74r 3000/tape & reel orderi ng inform ation (note 2) t c u d o r p w e n


▲Up To Search▲   

 
Price & Availability of DIMD10A-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X